PART |
Description |
Maker |
282134-75 |
1.0/2.3/PCB RECEPTACLE SURFACE MOUNT
|
Amphenol Corporation
|
LH0002 LH0002C LH0002CH LH0002CN LH0002H |
RECEPTACLE, RJ-45 PCB MOUNT LH0002 Buffer
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
74320-4001 0743204001 |
MicroCross DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, Polyester(PCT), Through Hole, 1.27mm(.050) PC Tail Length, Right Angle, 0.76μm (30μ) Gold MicroCross垄芒 DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, Polyester(PCT), Through Hole, 1.27mm(.050") PC Tail Length, Right Angle, 0.76楼矛m (30楼矛
|
Molex Electronics Ltd.
|
0743203000 74320-3000 |
MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel Mount, Through Hole, Vertical
|
Molex Electronics Ltd.
|
0743205004 74320-5004 |
MicroCross DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, ThroughHole, Vertical, Gold Flash, Lead Free, 2.34mm (.092) P.C. Tail Length, 24 Circuits MicroCross垄芒 DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, ThroughHole, Vertical, Gold Flash, Lead Free, 2.34mm (.092") P.C. Tail Length, 24 Circ
|
Molex Electronics Ltd.
|
0675031230 67503-1230 |
0.80mm (.031") Pitch, USB On-The-Go (OTG) Mini-B Receptacle, Surface Mount, RightAngle, Solder Tabs without Back Cover and PCB Locator Pegs, Lead Free 0.80mm (.031) Pitch, USB On-The-Go (OTG) Mini-B Receptacle, Surface Mount, RightAngle, Solder Tabs without Back Cover and PCB Locator Pegs, Lead Free
|
Molex Electronics Ltd.
|
74320-9224 |
MicroCross?/a> DVI-I Digital Interface, PCB Receptacle, Panel Mount, Through HoleRight Angle, ATX with Beveled Metal Pins, Gold (Au) Flash,with 6.00mm (.236) Jack
|
Molex Electronics Ltd.
|
74320-6001 |
MicroCross DVI-A Analog Visual Interface, PCB Receptacle, Panel Mount, ThroughHole, Vertical, Gold (Au) Flash, 2.79mm (.110) P.C. Tail Length, 20 Circuits, Lead Free
|
Molex Electronics Ltd.
|
90148-4112 90148-1125 90148-1115 90148-1326 90148- |
C-Grid PCB Conn SR Horz HT Tn-A 12Ckt 12 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE C-Grid PCB Conn SR Horz Poly Sn-A 25Ckt 25 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE C-Grid PCB Conn SR Horz Poly Tn-A 15Ckt 15 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE .100 BRD TO BRD CONNECTOR 901481326 26 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE C-Grid PCB Conn SR Horz Poly Au-E 12Ckt 12 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE C-Grid PCB Conn SR Horz Poly Au-E 7Ckt 7 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE C-Grid PCB Conn SR Horz Poly Au-F 18Ckt 18 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE C-Grid PCB Conn SR Horz Poly Tn-A 11Ckt 11 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
74320-1009 0743201009 |
MicroCross DVI-A Analog Visual Interface, PCB Receptacle, Panel Mount, Through Hole, Right Angle, Gold (Au) Flash Plating, Screw Hole, 4-40 Thread, 2.34mm (.092) P.C. Tail Length
|
Molex Electronics Ltd.
|
|